PART |
Description |
Maker |
MAX1645 MAX1645AEEI MAX1645-MAX1645A MAX1645A MAX1 |
Advanced Chemistry-Independent / Level 2 Battery Chargers with Input Current Limiting Advanced-Chemistry-Independent, Level-2 Battery Chargers with Input Current Limiting Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting " Advanced-Chemistry- Independent, Level-2 Battery Chargers with Input Current Limiting"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
DE150-201N09-00 DE375-501N21-00 DE275-102N05-00 DE |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 200V V(BR)DSS | 9A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 21A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 1KV V(BR)DSS | 5A I(D) 晶体管| MOSFET功率模块|独立| 1KV交五(巴西)直| 5A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 300V V(BR)DSS | 35A I(D) 晶体管| MOSFET功率模块|独立| 300V五(巴西)直| 35A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 4.5A I(D)
|
TE Connectivity, Ltd. Glenair, Inc.
|
LTC4008 |
4A, High Efficiency, Multi-Chemistry Battery Charger
|
Linear Technology
|
ISL6251A ISL625106 ISL6251HRZ ISL6251 ISL6251AHAZ |
Low Cost Multi-Chemistry Battery Charger Controller
|
INTERSIL[Intersil Corporation]
|
LTC4020EUHF |
High Power Buck-Boost Multi-Chemistry Battery Charger
|
Linear Technology
|
AP01L60AT10 |
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
|
Advanced Power Electronics Corp.
|
CYP15G0403DXB-BGXI CYP15G0403DXB-BGXC CYV15G0403DX |
Independent Clock Quad HOTLink IITransceiver Independent Clock Quad HOTLink II??Transceiver
|
Cypress Semiconductor Corp.
|
STV9937P/AA STV9937 |
DIODE, ZENER DIODE 120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays 120-MHz OSD for Monitors including PictureBooST and 4 Independent Window Displays
|
STMicroelectronics 意法半导 ST Microelectronics
|
CS8371ET7 CS8371-D CS8371ETVA7 CS8371 |
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP(8.0V/1A,5.0V/250mA,带有独立输出使能端与无需外部电容功能的双路稳压器) 8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
|
ON Semiconductor
|
KTY10-5 Q62705-K110 Q62705-K71 KTY10 Q62705-K111 Q |
Advanced PFC/PWM Combination Controllers 20-SOIC -40 to 105 硅扩展电阻温度传感器引脚塑料封装 AB 6C 3#0 3#12 PIN PLUG BiCMOS Advanced Phase Shift Resonant Controller 20-TSSOP -40 to 85 Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|